Part Number Hot Search : 
KBP08 AEP15124 SP9502JS UMG9NTR 133BZC FW114 IN74A PMBF5484
Product Description
Full Text Search
 

To Download SS110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1.5 0.1 4.5 0.1 2.6 0.15 2.1 0.2 1.3 0.2 0.203max 0.2 0.05 5.1 0.2 ratings at 25 o c ambient temperature unless otherwise specified maximum repetitive peak reverse voltage v rrm 40 50 60 80 90 100 v maximum rms voltage v rws 28 35 42 56 63 70 v maximum dc blocking voltage v dc 40 50 60 80 90 100 v maximum average forward rectified current at t l =90 i f(av) a peak forward surge current 8.3ms single half-sine-wave i fsm a maximum instantaneous forward voltage at i fm =1.0a (note1) v f v maximum dc reverse current t j =25 at rated dc blocking voltage t j =125 operating temperature range t j o c storage temperature range t stg o c units -55 ---- +150 i r note: 1.pulse test: pulse width 300us,duty cycle 1 % maximum thermal resistance o c/w -55 ---- +125 14 reverse voltage: 20 - 100 v forward current: 1.0 a low forward voltage schottky barrier rectifier guardring protection 20 21 0.50 0.2 0.5 m a r jl 28 30 0.75 1.0 0.85 40 20 30 case: sma molded plastic body 1111 polarity: color band denotes cathode end maximum ratings and electrical characteristics mounting position: any (do-214ac)sma weight: 0.002 ounces, 0.064 gram reverse energy tested high current capability extremely low thermal resistance dimensions in millimeters 6.0 5.0 ss12 ss13 ss14 ss15 ss16 ss18 ss19 SS110 device marking code ss12-SS110 s urface mount schottky barrier rectifiers features m echani cal d ata http://www.luguang.cn mail:lge@luguang.cn
100 0.001 0.01 0.1 1 10 20 0 406 08 01 00 t j =125 ?? t j =25 ?? current,amperes peak forward surge current,amperes instantaneous forward current,amperes instantaneous reverse current,micro amperes number of cycles at 60hz instantaneous forward voltage,volts percent of rated peak reverse voltage, lead temperature fig.3 -- typical forward character istics fig.4 -- typical reverse characteristics fi g. 1 -- forward derati ng curve fi g. 2-- peak forward surge current 0.5 0 50 resistive or inductive load p.c.b.mounted on 0.2x0.2(5.0x5.0mm) copperpad areas 1.0 60 70 80 90 100 110 120 130 140 150 160 170 0 11 0 1 0 0 t l =100 c 8.3ms single half sine-w ave (j e d e c m e th o d ) 20 40 o 0 0.01 0.1 1 10 0.2 0.4 0.6 0.8 1.0 1.2 ss15-ss16 pulse width=300 s 1%duty cycle 1.4 50 ss12-ss14 ss18-SS110 1.6 ss15-SS110 ss12-ss16 ss18-SS110 ss12-ss14 ss12-SS110 surface mount schottky barrier rectifiers ratings and charactieristic curves http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of SS110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X